|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPACER FOR LED LAMP BR23.5 Features !LED FIRMLY HELD BY SPACER. FOR BACK PANEL ILLUMINATION, !SUITABLE CIRCUIT BOARD INDICATOR, LED INDICATOR. !UL RATING : 94V-0. MATERIAL: TYPE 66 NYLON. !HOUSING Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice. SPEC NO: CDA0099 APPROVED : J. Lu REV NO: V.1 CHECKED : DATE: NOV/18/2001 DRAWN:X.Q.ZHENG PAGE: 1 OF 1 |
Price & Availability of BR235 |